Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206H823K3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206H823K3GACTU
Description  Ceramic, 200C, 200C-(CxxxxH), 0.082 uF, 10%, 25 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206H823K3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206H823K3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 2f1902ac-94d0-4d87-a3d0-0c1fda49bc24
KEMET Part Number: C1206H823K3GACTU
(C1206H823K3GAC7800)
Ceramic, 200C, 200C-(CxxxxH), 0.082 uF, 10%, 25 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: 200C-(CxxxxH)
Chip Size: 1206
Description: SMD, MLCC, High Temperature,
Ultra-Stable, Low Loss
Features: High Temp, Ultra-Stable, Low
Loss
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 0.082 uF
Capacitance Tolerance: 10%
Voltage DC: 25 VDC
Temperature Range: -55/+200C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 12.195 GOhms
Dielectric Strength: 62.5 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206H823K3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206H102JDGACTU KEMET-C1206H102JDGACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 1,000 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C1206H124B1GACT050 KEMET-C1206H124B1GACT050 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206H124B1GACT100 KEMET-C1206H124B1GACT100 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206H124B1GACT250 KEMET-C1206H124B1GACT250 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206H124B1GACT500 KEMET-C1206H124B1GACT500 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1206H823K3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206H473J3GACTU KEMET-C1206H473J3GACTU Datasheet
72Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.047 uF, 5%, 25 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C1206H473J1GACTU KEMET-C1206H473J1GACTU Datasheet
72Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.047 uF, 5%, 100 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H223J3GACTU KEMET-C0805H223J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.022 uF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H333J3GACT1K0 KEMET-C0805H333J3GACT1K0 Datasheet
70Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.033 uF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H153J3GACTU KEMET-C0805H153J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.015 uF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C1206H102JDGACTU KEMET-C1206H102JDGACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 1000 pF, 5%, 1,000 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C1206H161J2GACTU KEMET-C1206H161J2GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 160 pF, 5%, 200 V, 1206, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0402H220J3GACTU KEMET-C0402H220J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 22 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H680J3GACTU KEMET-C0805H680J3GACTU Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 68 pF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C2824H393JBGACT050 KEMET-C2824H393JBGACT050 Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 5%, 630 V, 2824, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com