Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003F6 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MJE13003F6
Description  Silicon NPN transistor in a TO-126F(R) Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJE13003F6 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJE13003F6 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003F6 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003F6 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003F6 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003F6 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003F6 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJE13003F6
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
500
6
3,000
5
15,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
65
26
1,690
5
8,450
532×31×5.6
555×164×50
575×290×180
使用说明 / Notices


Similar Part No. - MJE13003F6

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13003F1 FOSHAN-MJE13003F1 Datasheet
779Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13003F2 FOSHAN-MJE13003F2 Datasheet
730Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
MJE13003F5 FOSHAN-MJE13003F5 Datasheet
804Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003FT FOSHAN-MJE13003FT Datasheet
702Kb / 6P
   Silicon NPN transistor in a SOT-89Plastic Package.
More results

Similar Description - MJE13003F6

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13002F6 FOSHAN-MJE13002F6 Datasheet
761Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003G6 FOSHAN-MJE13003G6 Datasheet
814Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003H6 FOSHAN-MJE13003H6 Datasheet
782Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003K6 FOSHAN-MJE13003K6 Datasheet
793Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003L6 FOSHAN-MJE13003L6 Datasheet
855Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13002I6 FOSHAN-MJE13002I6 Datasheet
905Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003HN6 FOSHAN-MJE13003HN6 Datasheet
829Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003I6 FOSHAN-MJE13003I6 Datasheet
905Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13003N6 FOSHAN-MJE13003N6 Datasheet
849Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13002G6 FOSHAN-MJE13002G6 Datasheet
814Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com