Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4463 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SGA-4463
Description  DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-4463 Datasheet(HTML) 1 Page - Stanford Microdevices

  SGA-4463 Datasheet HTML 1Page - Stanford Microdevices SGA-4463 Datasheet HTML 2Page - Stanford Microdevices SGA-4463 Datasheet HTML 3Page - Stanford Microdevices SGA-4463 Datasheet HTML 4Page - Stanford Microdevices SGA-4463 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Description
EDS-100644 Rev. D
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
SGA-4463
DC-3500 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• High Gain : 17 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
Sirenza Microdevices’ SGA-4463 is a high performance SiGe
HBT MMIC Amplifier. A Darlington configuration featuring 1
micron emitters provides high F
T and excellent thermal
perfomance. The heterojunction increases breakdown voltage
and minimizes leakage current between junctions. Cancellation
of emitter junction non-linearities results in higher suppression
of intermodulation products. At 850 Mhz and 45mA , the SGA-
4463 typically provides +27 dBm output IP3, 19 dB of gain, and
+14 dBm of 1dB compressed power using a single positive
voltage supply. Only 2 DC-blocking capacitors, a bias resistor
and an optional RF choke are required for operation.
0
6
12
18
24
01
23
45
6
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
h
M
0
0
4
2
5
.
7
10
.
9
1
0
.
7
1
0
.
6
1
0
.
1
2
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
0
.
4
1
3
.
2
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
0
.
7
2
8
.
4
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
5
3
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
14
.
4
2
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
18
.
2
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
18
.
2
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
9
.
22
.
35
.
3
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m1
45
49
4
R
H
T ,
l-
j
)
d
a
e
l
o
t
n
o
it
c
n
u
j(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°5
5
2
Test Conditions:
V
S = 8 V
I
D = 45 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -5 dBm
R
BIAS = 110 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms


Similar Part No. - SGA-4463

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4463 ETC-SGA-4463 Datasheet
238Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463Z SIRENZA-SGA-4463Z Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-4463

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6489 ETC-SGA-6489 Datasheet
259Kb / 4P
   DC 3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4263 STANFORD-SGA-4263 Datasheet
407Kb / 5P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4463 ETC-SGA-4463 Datasheet
238Kb / 4P
   DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com