Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB-2433 Datasheet(PDF) 6 Page - Stanford Microdevices

Part # SGB-2433
Description  DC - 4 GHz Active Bias Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGB-2433 Datasheet(HTML) 6 Page - Stanford Microdevices

  SGB-2433 Datasheet HTML 1Page - Stanford Microdevices SGB-2433 Datasheet HTML 2Page - Stanford Microdevices SGB-2433 Datasheet HTML 3Page - Stanford Microdevices SGB-2433 Datasheet HTML 4Page - Stanford Microdevices SGB-2433 Datasheet HTML 5Page - Stanford Microdevices SGB-2433 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
6
EDS-103083 Rev C
Preliminary Data Sheet
SGB-2433 DC-4GHz Active Bias Gain Block
Package Outline Drawing (Dimensions in mm)
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
SGB-2433
13”
3000
Part Marking
The part will be symbolized with an “SGB-2433” mark-
ing designator on the top surface of the package.
0.015
0.011
0.062
0.062
0.030
0.010
0.020
DIMENSIONS IN INCHES
Ø0.015 PLATED
THRU (4PL)
0.005 CHAMFER
(8PL)
0.008
Recommended Land Pattern:
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.


Similar Part No. - SGB-2433

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2433 SIRENZA-SGB-2433 Datasheet
128Kb / 6P
   DC - 4 GHz Active Bias Gain Block
SGB-2433Z SIRENZA-SGB-2433Z Datasheet
128Kb / 6P
   DC - 4 GHz Active Bias Gain Block
More results

Similar Description - SGB-2433

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2433 SIRENZA-SGB-2433 Datasheet
128Kb / 6P
   DC - 4 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-6433 ETC1-SGB-6433 Datasheet
136Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-4533 ETC-SGB-4533 Datasheet
197Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-4333 SIRENZA-SGB-4333 Datasheet
123Kb / 6P
   DC - 3 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533 Datasheet
139Kb / 6P
   DC - 3 GHz Active Bias Gain Block
SGB-4533 SIRENZA-SGB-4533 Datasheet
127Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-4333 ETC1-SGB-4333 Datasheet
135Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-6433 SIRENZA-SGB-6433 Datasheet
127Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533_1 Datasheet
126Kb / 6P
   DC-3 GHz Active Bias Gain Block
SGB-2233 SIRENZA-SGB-2233 Datasheet
125Kb / 6P
   DC - 4.5 GHz Active Bias Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com