Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041CPZS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # F280041CPZS
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280041CPZS Datasheet(HTML) 3 Page - Texas Instruments

  F280041CPZS Datasheet HTML 1Page - Texas Instruments F280041CPZS Datasheet HTML 2Page - Texas Instruments F280041CPZS Datasheet HTML 3Page - Texas Instruments F280041CPZS Datasheet HTML 4Page - Texas Instruments F280041CPZS Datasheet HTML 5Page - Texas Instruments F280041CPZS Datasheet HTML 6Page - Texas Instruments F280041CPZS Datasheet HTML 7Page - Texas Instruments F280041CPZS Datasheet HTML 8Page - Texas Instruments F280041CPZS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 217 page
background image
3
TMS320F280049, TMS320F280049C, TMS320F280049M
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945A – JANUARY 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280049M TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Device Overview
Copyright © 2017, Texas Instruments Incorporated
1.3
Description
The Piccolo™ TMS320F28004x (F28004x) is a powerful 32-bit floating-point microcontroller unit (MCU)
that lets designers incorporate crucial control peripherals, differentiated analog, and nonvolatile memory
on a single device.
The real-time control subsystem is based on TI’s 32-bit C28x CPU, which provides 100 MHz of signal
processing performance. The C28x CPU is further boosted by the new TMU extended instruction set,
which enables fast execution of algorithms with trigonometric operations commonly found in transforms
and torque loop calculations; and the VCU-I extended instruction set, which reduces the latency for
complex math operations commonly found in encoded applications.
The CLA allows significant offloading of common tasks from the main C28x CPU. The CLA is an
independent 32-bit floating-point math accelerator that executes in parallel with the CPU. Additionally, the
CLA has its own dedicated memory resources and it can directly access the key peripherals that are
required in a typical control system. Support of a subset of ANSI C is standard, as are key features like
hardware breakpoints and hardware task-switching.
The F28004x supports up to 256KB (128KW) of flash memory divided into two 128KB (64KW) banks,
which enables programming and execution in parallel. Up to 100KB (50KW) of on-chip SRAM is also
available in blocks of 4KB (2KW) and 16KB (8KW) for efficient system partitioning. Flash ECC, SRAM
ECC/parity, and dual-zone security are also supported.
High-performance analog blocks are integrated on the F28004x MCU to further enable system
consolidation. Three separate 12-bit ADCs provide precise and efficient management of multiple analog
signals, which ultimately boosts system throughput. Seven PGAs on the analog front end enable on-chip
voltage scaling before conversion. Seven analog comparator modules provide continuous monitoring of
input voltage levels for trip conditions.
The TMS320C2000™ devices contain industry-leading control peripherals with frequency-independent
ePWM/HRPWM and eCAP allow for a best-in-class level of control to the system. The built-in 4-channel
SDFM allows for seamless integration of an oversampling sigma-delta modulator across an isolation
barrier.
Connectivity is supported through various industry-standard communication ports (such as SPI, SCI, I2C,
LIN, and CAN) and offers multiple muxing options for optimal signal placement in a variety of applications.
New to the C2000™ platform is the fully compliant PMBus. Additionally, in an industry first, the FSI
enables high-speed, robust communication to complement the rich set of peripherals that are embedded
in the device.
Specially enabled device variants, TMS320F28004xC and TMS320F28004xM, allow access to the
Configurable Logic Block (CLB) for additional interfacing features and allow access to the secure ROM,
which includes libraries to enable InstaSPIN-FOC™ and InstaSPIN-MOTION™. See Device Comparison
for more information.


Similar Part No. - F280041CPZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280041CPZS TI1-F280041CPZS Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
F280041CPZS TI1-F280041CPZS Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
F280041CPZS TI1-F280041CPZS Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280041CPZS TI1-F280041CPZS Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280041CPZS TI1-F280041CPZS Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - F280041CPZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com