Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280049CPMS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # F280049CPMS
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280049CPMS Datasheet(HTML) 10 Page - Texas Instruments

Back Button F280049CPMS Datasheet HTML 6Page - Texas Instruments F280049CPMS Datasheet HTML 7Page - Texas Instruments F280049CPMS Datasheet HTML 8Page - Texas Instruments F280049CPMS Datasheet HTML 9Page - Texas Instruments F280049CPMS Datasheet HTML 10Page - Texas Instruments F280049CPMS Datasheet HTML 11Page - Texas Instruments F280049CPMS Datasheet HTML 12Page - Texas Instruments F280049CPMS Datasheet HTML 13Page - Texas Instruments F280049CPMS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 217 page
background image
10
TMS320F280049, TMS320F280049C, TMS320F280049M
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945A – JANUARY 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280049M TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 lists the features of the TMS320F28004x devices.
Table 3-1. Device Comparison
FEATURE(1)
F280049
F280049C
F280049M
F280048
F280048C
F280045
F280041
F280041C
F280040
F280040C
PROCESSOR AND ACCELERATORS
C28x
Frequency (MHz)
100
FPU
Yes
VCU-I
Yes
TMU – Type 0
Yes
CLA – Type 2
Available
Yes
No
Frequency (MHz)
100
6-Channel DMA – Type 0
Yes
MEMORY
Flash
256KB (128KW)
128KB (64KW)
RAM
Dedicated and Local Shared RAM
36KB (18KW)
Global Shared RAM
64KB (32KW)
TOTAL RAM
100KB (50KW)
Code security for on-chip flash, RAM, and OTP blocks
Yes
Boot ROM
Yes
User-configurable DCSM OTP
4KB (2KW)
SYSTEM(2)
Configurable Logic Block (CLB)
F280049C
F280049M
F280048C
F280041C
F280040C
InstaSPIN-FOC™
F280049C
F280049M
F280048C
F280041C
F280040C
InstaSPIN-MOTION™ (includes InstaSPIN-FOC and CLB)
F280049M
32-bit CPU timers
3
Watchdog timers
1
Nonmaskable Interrupt Watchdog (NMIWD) timers
1
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
GPIO pins
100-pin PZ
40
40
40
64-pin PM
26
24
26
26
24
56-pin RSH
25
25
25
AIO inputs
100-pin PZ
21
64-pin PM
14
56-pin RSH
12
External interrupts
5


Similar Part No. - F280049CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280049CPMS TI1-F280049CPMS Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPMS TI1-F280049CPMS Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPMS TI1-F280049CPMS Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPMS TI1-F280049CPMS Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280049CPMS TI1-F280049CPMS Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - F280049CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com