Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0008650813 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0008650813
Description  KK 254 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Gold (Au)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0008650813 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0008650813_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0008650813
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Gold (Au)
Documents:
Drawing (PDF)
Packaging Specification PK-6459-001 (PDF)
Product Specification PS-10-07-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
6459
Application
Signal
Crimp Quality Equipment
Yes
Overview
KK® Interconnect System - Molex
Packaging Alternative
08-65-0814 (Loose)
Product Name
KK® 254
UPC
800753844032
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Net Weight
0.069/g
Packaging Type
Reel
Plating min - Mating
0.381µm
Plating min - Termination
0.051µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.57mm max.
Wire Size AWG
22, 24, 26, 28, 30
Wire Size mm²
N/A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
6459-(550)
Reference - Drawing Numbers
Packaging Specification
PK-6459-001
Product Specification
PS-10-07-001
Sales Drawing
SD-6459
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
6459 Series
Use With
2.54mm Pitch KK® Crimp Terminal Housing
2695
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0008650813_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008650813 MOLEX1-0008650813 Datasheet
198Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Gold (Au)
More results

Similar Description - 0008650813_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008650815 MOLEX1-0008650815_17 Datasheet
39Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Selective Gold
0008650814 MOLEX1-0008650814_17 Datasheet
28Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Gold (Au)
0008520101 MOLEX1-0008520101_17 Datasheet
28Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
0008650813 MOLEX1-0008650813 Datasheet
198Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Gold (Au)
0008650816 MOLEX1-0008650816_17 Datasheet
28Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Selective Gold
0008650815 MOLEX1-0008650815 Datasheet
197Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Selective Gold (Au)
0008520123 MOLEX1-0008520123_17 Datasheet
28Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Tin (Sn)
0008650814 MOLEX1-0008650814 Datasheet
196Kb / 3P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Gold (Au)
0008650816 MOLEX1-0008650816 Datasheet
196Kb / 3P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Selective Gold (Au)
0008520101 MOLEX1-0008520101 Datasheet
197Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com