Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZC32EK621Y Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERZC32EK621Y
Description  ZNR Transient/Surge Absorbers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZC32EK621Y Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERZC32EK621Y Datasheet HTML 1Page - Panasonic Semiconductor ERZC32EK621Y Datasheet HTML 2Page - Panasonic Semiconductor ERZC32EK621Y Datasheet HTML 3Page - Panasonic Semiconductor ERZC32EK621Y Datasheet HTML 4Page - Panasonic Semiconductor ERZC32EK621Y Datasheet HTML 5Page - Panasonic Semiconductor ERZC32EK621Y Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type E)
24
ISO
M4
L
W
12
ZNR
14
Part No.
Date code
E
1
R
2
Z
3
4
5
6
78
9
10
11
12
Product Code
Element Size
Type
Design No.
Nominal
Varistor Voltage
Tolerance
CE
K
General
UL/CSA Recognized
Y
Explanation of Part Numbers
Features
Recommended Applications
UL and CSA recognized components
Very large surge withstanding capability with a compact size
Direct mounting on boards like a power distribution board available
Fast response to steep impulse voltage
Low clamping voltage for better surge protection
RoHS compliant
Transistor, diode, IC, thyristor or triac semiconductor protection
Surge protection in industrial power plant operations
Relay or electromagnetic valve surge absorption
Surge absorption applications in broadcasting, communications devices, traffic/railroad, agricultural facilities, waterworks
Surge protection of automatic control devices for power distribution line
Note : Ask our factory for Product Specification before use.
“ZNR” Transient/Surge Absorbers
Type : E
The ZNR Type E is capable of handling larger surge
energy than Type D in applications to protect electronic
equipment or semiconductor devices from switching and
induced lightning surges.
(Unit : mm)
■ As for Handling Precautions and Minimum Quantity / Packing Unit
Please see Related Information
Dimensions in mm (not to scale)
Part No.
W
H
L
ERZC20EK□□□(Y)
48±1
42±1
39±1
ERZC32EK□□□(Y)
60±1
55±1
51±1
Related Standards
Each type designation is not registered by Part Number.
Standard No.
UL1449
CSA C22.2 No.1 Class 2221 01
Title
Surge Protective Devices
Accessories and Parts for Electronic Products
(Varistor for Across-The-Line use as transient
protection on 120V ac nominal system)
File No.
E321499
LR-92226
Mar. 2017
03


Similar Part No. - ERZC32EK621Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZCF1MK101 PANASONIC-ERZCF1MK101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK121 PANASONIC-ERZCF1MK121 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK151 PANASONIC-ERZCF1MK151 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK201 PANASONIC-ERZCF1MK201 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZCF1MK220 PANASONIC-ERZCF1MK220 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
More results

Similar Description - ERZC32EK621Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com