Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1003A400 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1003A400
Description  Greentube SL1003 Series Gas Plasma Arresters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A400 Datasheet(HTML) 1 Page - Littelfuse

  SL1003A400 Datasheet HTML 1Page - Littelfuse SL1003A400 Datasheet HTML 2Page - Littelfuse SL1003A400 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gas Discharge Tubes
331
www .littelfuse .com
3 ELECTRODE GDT
GRAPHICAL SYMBOL
1003
Voltage
Type
3 Pole Arrester
A XXX
PinConfiguratio
C=Core
R=Leaded
n
SL
ORDERING INFORMATION
All dimensions in mm
Greentube™ SL1003 Series Gas Plasma Arresters
High Performance Beta Range
The SL1003 series has been especially developed for Broadband
equipment. Unique design features offer high levels of perform-
ance on fast rising transients in the domain of 100V/
µS to
1KV/
µS, which are those most likely from induced Lightning dis-
turbances. These devices have Ultra low capacitance ( typically
1.2pF or less ) and present insignificant signal losses up to
1.5GHz. These devices are extremely robust and are able to
divert a 5000A pulse without destruction. For AC Power Cross of
long duration, overcurrent protection is recommended.
FEATURES
RoHS compliant
• Low insertion loss
Surface mountable
5KA surge capability tested with 8/20
µS pulse as defined by
IEC 61000-4-5
GHz working frequency.
Excellent response to fast rising transients.
Can be used to meet Telcordia GR1089 without
series resistance
10/700 6KV capability, as per ITUT k.21, enhanced test level
2000 Amp 2/10
µS surge rating
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
General telecom equipment.
®
Pb
RoHS


Similar Part No. - SL1003A400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1003A400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com