Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5009AL5 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5009AL5
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL5 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5009AL5 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—6
Electrical Characteristics
5009AL
× series
3V operation: VDD = 2.7 to 3.3V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 8mA
2.2
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 8mA
0.4
V
HIGH-level input voltage
VIH
INH
0.7VDD
––
V
LOW-level input voltage
VIL
INH
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
40MHz crystal oscillator
CF5009AL1
8
17
mA
CF5009AL2
5
11
CF5009AL3
4
9
CF5009AL4
3
7
CF5009AL5
3
6
CF5009AL6
2
5
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
40MHz crystal oscillator,
Ta = –20 to +80
°C
SM5009AL1S
8
17
SM5009AL2S
5
11
SM5009AL3S
4
9
SM5009AL4S
3
7
SM5009AL5S
3
6
SM5009AL6S
2
5
Standby current
IST
INH = VSS, Measurement cct 3
2
5
µA
INH pull-up resistance
RUP1
Measurement cct 4, VDD = 3V, INH = VSS
0.6
12
M
RUP2
Measurement cct 4, VDD = 3V, INH = 2.1V
40
200
k
Negative resistance
−RL
VDD = 3V, Ta = 25°C, 40MHz
–200
Feedback resistance
Rf
Measurement cct 5
0.4
1.1
M
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF


Similar Part No. - CF5009AL5

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50091D0R0-10-NH CVILUX-CF50091D0R0-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results

Similar Description - CF5009AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com