Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C562JCRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C562JCRACTU
Description  Ceramic, Commercial-(CxxxxC), 5600 pF, 5%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C562JCRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C562JCRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c4feb38e-5b07-4e55-88c5-11c6bf77e006
KEMET Part Number: C1206C562JCRACTU
(C1206C562JCRAC7800)
Ceramic, Commercial-(CxxxxC), 5600 pF, 5%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, High Voltage,
Temperature Stable
Features: High Voltage
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 5600 pF
Capacitance Tolerance: 5%
Voltage DC: 500 VDC
Dielectric Withstanding
Voltage: 750 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C562JCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C562J1GACAUTO KEMET-C1206C562J1GACAUTO Datasheet
259Kb / 1P
   SMD Auto C0G, Ceramic, 5600 pF, 5%, 100 VDC, C0G, SMD, MLCC, Ultra- Stable, Low Loss, Automotive Grade, 1206
5/16/2023
C1206C562J2GACAUTO KEMET-C1206C562J2GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 5600 pF, 5%, 200 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1206C562J5GACTU KEMET-C1206C562J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C562JBTACAUTO KEMET-C1206C562JBTACAUTO Datasheet
56Kb / 1P
   SMD AUTO X8G HVHT150C, Ceramic, 5600 pF, 5%, 630 VDC, X8G, SMD, MLCC, High Voltage, High Temperature, Ultra-Stable, Automotive Grade, 1206
More results

Similar Description - C1206C562JCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C562KDRACTU KEMET-C1206C562KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 10%, 1,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C332KCRACTU KEMET-C1206C332KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C152KCRACTU KEMET-C1206C152KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1500 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C222KCRACTU KEMET-C1206C222KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C682KCRACTU KEMET-C1206C682KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C472KCRACTU KEMET-C1206C472KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C562K5RACTU KEMET-C1206C562K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C471JFRACTU KEMET-C1206C471JFRACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 1,500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C153KCRACTU KEMET-C1206C153KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.015 uF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1206C103KCRACTU KEMET-C1206C103KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 500 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com