Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTB10F-20 Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # FTB10F-20
Description  2.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

FTB10F-20 Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  FTB10F-20 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-20 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-20 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-20 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-20 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-20 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FTB10F-20
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Similar Part No. - FTB10F-20

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
FTB10F-10 FOSHAN-FTB10F-10 Datasheet
875Kb / 6P
   1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
Dongguan Pingjingsemi T...
FTB10F-10 PJSEMI-FTB10F-10 Datasheet
925Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRI
logo
Foshan Blue Rocket Elec...
FTB10F-12 FOSHAN-FTB10F-12 Datasheet
885Kb / 6P
   1.2A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-15 FOSHAN-FTB10F-15 Datasheet
876Kb / 6P
   1.5A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
Sangdest Microelectroni...
FTB10F-15F SMC-FTB10F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results

Similar Description - FTB10F-20

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
FTB10F-15 FOSHAN-FTB10F-15 Datasheet
876Kb / 6P
   1.5A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-10 FOSHAN-FTB10F-10 Datasheet
875Kb / 6P
   1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-12 FOSHAN-FTB10F-12 Datasheet
885Kb / 6P
   1.2A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
ABS201 FOSHAN-ABS201 Datasheet
876Kb / 6P
   2.0A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
logo
Zibo Seno Electronic En...
DB201S ZSELEC-DB201S Datasheet
73Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS205 ZSELEC-ABS205 Datasheet
164Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB205S ZSELEC-TB205S Datasheet
86Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DBLS201G ZSELEC-DBLS201G Datasheet
73Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DI200S ZSELEC-DI200S Datasheet
118Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HDBL201G ZSELEC-HDBL201G Datasheet
99Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com