Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2722-F-03 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # DS2722-F-03
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

DS2722-F-03 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button DS2722-F-03 Datasheet HTML 5Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 6Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 7Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 8Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 9Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 10Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 11Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 12Page - Micro Linear Corporation DS2722-F-03 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
9
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
23
TRFO
O (analog)
Transmit RF Output. This output is an
emitter follower and should be AC
coupled.
VCC5
13
12mA
TRFO
VSS
8
23
24
DATA
30
DIN
I (CMOS)
Transmit Data Input. Drives the transmit
pulse shaping circuits. Serial digital data
on this pin becomes FSK modulation on
the Transmit RF output. The logic timing
on this pin controls data timing. Internal
circuits determine the modulation
deviation. This is a standard CMOS input
referenced to VDD and VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8
32
DOUT
O (CMOS)
Serial digital output after demodulation,
chip rate filtering and center data slicing.
A CMOS level output (VSS to VDD) with
controlled slew rates. A low drive output
designed to drive a PCB trace and a
CMOS logic input while generating
minimal RFI. In digital test modes this pin
becomes a test access port controlled by
the serial control bus.
31
VSS
VDD
250
32 DOUT
8


Similar Part No. - DS2722-F-03

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2720 DALLAS-DS2720 Datasheet
252Kb / 21P
   Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
logo
Maxim Integrated Produc...
DS2720 MAXIM-DS2720 Datasheet
176Kb / 21P
   Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
logo
Dallas Semiconductor
DS2720AU DALLAS-DS2720AU Datasheet
252Kb / 21P
   Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
logo
Maxim Integrated Produc...
DS2720AU MAXIM-DS2720AU Datasheet
176Kb / 21P
   Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
DS2720AU++ MAXIM-DS2720AU+ Datasheet
176Kb / 21P
   Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
More results

Similar Description - DS2722-F-03

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com