Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 6Page - Motorola, Inc MPC7450EC Datasheet HTML 7Page - Motorola, Inc MPC7450EC Datasheet HTML 8Page - Motorola, Inc MPC7450EC Datasheet HTML 9Page - Motorola, Inc MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.95
V
4
PLL supply voltage
AVDD
–0.3 to 1.95
V
4
Processor bus supply voltage
BVSEL = 0
OVDD
–0.3 to 1.95
V
3, 6
BVSEL = HRESET or OVDD
OVDD
–0.3 to 2.7
V
3, 7
L3 bus supply voltage
L3VSEL = ¬HRESET
GVDD
–0.3 to 1.65
V
3, 8
L3VSEL = 0
GVDD
–0.3 to 1.95
V
3, 9
L3VSEL = HRESET or GVDD
GVDD
–0.3 to 2.7
V
3, 10
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
2, 5
L3 bus
Vin
–0.3 to GVDD + 0.3
V
2, 5
JTAG signals
Vin
–0.3 to OVDD + 0.3
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1.
Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings
only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device
reliability or cause permanent damage to the device.
2.
Caution: Vin must not exceed OVDD or GVDD by more than 0.3 V at any time including during power-on reset.
3.
Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2.0 V at any time including during power-on
reset.
4.
Caution: VDD/AVDD must not exceed OVDD/GVDD by more than 0.4 V at any time including during power-on
reset.
5.
Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6.
BVSEL must be set to 0, such that the bus is in 1.8 V mode.
7.
BVSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.
8.
L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5 V mode.
9.
L3VSEL must be set to 0, such that the bus is in 1.8 V mode.
10. L3VSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC7450EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7455 FREESCALE-MPC7455 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
808Kb / 71P
   Microprocessor
logo
NXP Semiconductors
MPC7457 NXP-MPC7457 Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
More results

Similar Description - MPC7450EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
   Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
   Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC14600 MOTOROLA-MC14600 Datasheet
250Kb / 8P
   Freescale Semiconductor, Inc.
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
   Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68HC16Z1CAG25 FREESCALE-MC68HC16Z1CAG25 Datasheet
5Mb / 500P
   Freescale Semiconductor, Inc.
MC68MH360AI25L FREESCALE-MC68MH360AI25L Datasheet
4Mb / 158P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
   Freescale Semiconductor, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com