Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022280201 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022280201
Description  KK 254 Breakaway Header, Vertical, with Friction Lock, 20 Circuits, 0.38m Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022280201 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022280201_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022280201_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
235
Material Info
Engineering Number
42227-0055
Reference - Drawing Numbers
Product Specification
PS-10-07-001
Sales Drawing
SD-42227-001, SD-42227-001-002
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022280201_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280201 MOLEX2-0022280201 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 20 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results

Similar Description - 0022280201_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280141 MOLEX1-0022280141_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 14 Circuits, 0.38m Gold
0022280151 MOLEX1-0022280151_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 15 Circuits, 0.38m Gold
0022280101 MOLEX1-0022280101_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 10 Circuits, 0.38m Gold
0022280351 MOLEX1-0022280351_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 35 Circuits, 0.38m Gold
0022280051 MOLEX1-0022280051_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 5 Circuits, 0.38m Gold
0022280061 MOLEX1-0022280061_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 6 Circuits, 0.38m Gold
0022280081 MOLEX1-0022280081_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 8 Circuits, 0.38m Gold
0022280121 MOLEX1-0022280121_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 12 Circuits, 0.38m Gold
0022280171 MOLEX1-0022280171_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 17 Circuits, 0.38m Gold
0022280181 MOLEX1-0022280181_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 18 Circuits, 0.38m Gold
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com