Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EYGS0411ZLWJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EYGS0411ZLWJ
Description  Soft-PGS (Compressible Type) PGS with low thermal resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0411ZLWJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EYGS0411ZLWJ Datasheet HTML 1Page - Panasonic Semiconductor EYGS0411ZLWJ Datasheet HTML 2Page - Panasonic Semiconductor EYGS0411ZLWJ Datasheet HTML 3Page - Panasonic Semiconductor EYGS0411ZLWJ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“Soft-PGS (Compressible Type)” PGS with low thermal resistance
Pressure (kPa)
100
0
200
300
400
500
700
600
0
10
20
30
40
50
60
Pressure (kPa)
100
0
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
a
b
c
Part numbers listed above are all standard samples for your consideration.
✽✽ Contact us for custom-made samples.
We can make samples in various forms and/or dimensions other than standard samples.
Typical values, not guaranteed.
Thermal resistance and compressibility
Items
Test method
Condition
Data
Thickness (
µm)
200
Thermal resistance (K·cm
2/W)
TIM Tester
600 kPa
0.2
Compressibility (%)
TIM Tester
600 kPa
40
Thermal conductivity (W/m·K)
Laser PIT
X-Y
400 (300 to 600)
Z
(28)
Operating temperature range (°C)
−55 to 400
Type
Sheet only
S Type
Process for IGBT mounting
Structure
Front
Side
Operating
Temperature Range
−55 to 400 °C
Thickness: c
200 μm
Standard
Part No.
90
× 90 mm
EYGS0909ZLX2
90
×180 mm
EYGS0918ZLX2
180
×180 mm
EYGS1818ZLX2
Soft-PGS (Compressible Type) standard form
Typical characteristics
Lamination type/Composition example
Mar. 2017
03


Similar Part No. - EYGS0411ZLWJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS091202 PANASONIC-EYGS091202 Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
EYGS091203 PANASONIC-EYGS091203 Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
EYGS091207 PANASONIC-EYGS091207 Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
EYGS091207 PANASONIC-EYGS091207 Datasheet
676Kb / 6P
   PGS” Graphite Sheets EYG type
01-Apr-21
EYGS091210 PANASONIC-EYGS091210 Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
More results

Similar Description - EYGS0411ZLWJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS091210 PANASONIC-EYGS091210 Datasheet
676Kb / 6P
   PGS” Graphite Sheets EYG type
01-Apr-21
logo
Vishay Siliconix
SQ9945AE VISHAY-SQ9945AE Datasheet
119Kb / 9P
   Package with Low Thermal Resistance
Rev. B, 23-Oct-08
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com