Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC-240-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ENC-240-24
Description  240W Programmable Desktop Type Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENC-240-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ENC-240-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENC-240-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENC-240-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENC-240-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ENC-240-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Features
■ Applications
ENC-240 series
File Name:ENC-240-SPEC 2017-02-13
Radio system backup solution
Electric scooter charger
Surveillance system
Charger for lead-acid batteries (flooded, Gel and AGM)
and li-ion batteries (lithium iron and lithium manganese)
Built-in 3 stage programmable charging curve
Universal AC input / Full range
Built-in active PFC function
Fanless design, cooling by free air convection
Built-in temperature compensation function
Protection: Short circuit / Over voltage /Over temperature /
Battery under voltage / Battery over voltage / Battery reverse
polarity protection
3 years warranty
■ Description
ENC-240 is a single output 240W AC/DC desktop type charger with 3 stage charging curve. In addition to
the embedded pre-defined charging curves, the default curve is programmable and thus able to accommodate
different types of batteries, such as lead-acid batteries (gel, flooded and AGM) and li-ion batteries
(lithium iron and lithium manganese). With the rugged mechanical design along with the high efficiency
circuitry, ENC-240 operates for the ambient temperature range -30~+70 under free air convection.
■ Model Encoding
Nominal voltage
Series name
ENC
-
- 240 24
240W Programmable Desktop Type Battery Charger
UL60950-1
IEC60950-1
Rated wattage


Similar Part No. - ENC-240-24

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03J MURATA1-ENC-03J Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JA MURATA1-ENC-03JA Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JB MURATA1-ENC-03JB Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JC MURATA1-ENC-03JC Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
logo
Murata Manufacturing Co...
ENC-03M MURATA-ENC-03M Datasheet
169Kb / 2P
   Operating Temperature Range
More results

Similar Description - ENC-240-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ENC-120 MEANWELL-ENC-120 Datasheet
106Kb / 5P
   120W Programmable Desktop Type Battery Charger
ENC-180 MEANWELL-ENC-180 Datasheet
107Kb / 5P
   180W Programmable Desktop Type Battery Charger
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
   240W Level Desktop Type Power Supply
logo
Ultralife Corporation.
CH0014 ULTRALIFE-CH0014 Datasheet
512Kb / 1P
   Commercial desktop charger for UBBL09 battery
11 AUG 11 Rev: B
CH0002 ULTRALIFE-CH0002 Datasheet
449Kb / 1P
   Commercial desktop charger for UBI-2590 battery family
13 NOV 12 Rev: F
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Mean Well Enterprises C...
LAD-240 MEANWELL-LAD-240 Datasheet
1Mb / 7P
   240W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Ultralife Corporation.
UCH0062 ULTRALIFE-UCH0062 Datasheet
274Kb / 1P
   SLA Desktop Charger
Rev: A
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com