Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENP-120-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-120-12
Description  120W Level ?쩊esktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-120-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ENP-120-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-120-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-120-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-120-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function
Energy efficiency Level
No load power consumption <0.15W
Comply with EISA 2007/DoE, NRCan and EU ErP
125% peak load capability
Fanless design, cooling by free air convection
Protection: Short circuit / Overload / Over voltage /
Over temperature
3 years warranty
Land mobile radio system
Surveillance system
TV antenna facility
■ Features
■ Applications
■ Model Encoding
■ Description
Nominal voltage
Series name
ENP
-
- 120 24
ENP-120 series is a 120W desktop type power supply working perfectly for communication related
applications. Observing the standard 7” width size in the land mobile radio field, it provides the most
frequently used voltage in the communication field. With the rugged mechanical design along with the
high efficiency circuitry, it operates for the ambient temperature range -30 ~+70 under free air convection.
℃℃
Rated wattage
120W Level
Desktop Type Power Supply
ENP-120 series
File Name:ENP-120-SPEC 2017-02-17
UL60950-1
IEC60950-1


Similar Part No. - ENP-120-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENP-180-12 MEANWELL-ENP-180-12 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENP-180-24 MEANWELL-ENP-180-24 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENP-180-48 MEANWELL-ENP-180-48 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
More results

Similar Description - ENP-120-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
   120W Open Frame Power Supply
logo
Level One
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
   120W 48VDC Industrial Power Supply,
logo
Sanyo Semicon Device
STK4241V SANYO-STK4241V Datasheet
90Kb / 4P
   AF Power Amplifier (Split Power Supply) (120W120W min, THD = 0.08%)
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
RPS-120 MEANWELL-RPS-120 Datasheet
760Kb / 6P
   120W Reliable Green Medical Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com