Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G06YEAR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC2G06YEAR
Description  DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G06YEAR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G06YEAR Datasheet HTML 1Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 2Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 3Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 4Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 5Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 6Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 7Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 8Page - Texas Instruments SN74LVC2G06YEAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74LVC2G06
DUAL INVERTER BUFFER/DRIVER
WITH OPENDRAIN OUTPUTS
SCES307E − AUGUST 2001 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
1A
1Y
16
2A
2Y
34
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
(see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or low state, VO
(see Notes 1 and 2)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DBV package
165
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
259
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
YEA/YZA package
143
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
YEP/YZP package
123
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The value of VCC is provided in the recommended operating conditions table.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74LVC2G06YEAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G06YZPR TI1-SN74LVC2G06YZPR Datasheet
1Mb / 28P
[Old version datasheet]   Dual Inverter Buffer and Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC2G06YEAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-Q1 TI-SN74LVC2G06-Q1 Datasheet
119Kb / 7P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com