Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENP-240-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-240-12
Description  240W Level Desktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-240-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ENP-240-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-240-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
ENP-240 series
ENP-240-24
ENP-240-48
ENP-240-12
MODEL
DC VOLTAGE
RATED CURRENT
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE ADJ. RANGE
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
SETUP, RISE TIME
Note.7
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.8
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
NO LOAD POWER CONSUMPTION
OVER TEMPERATURE
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
SHORT CIRCUIT
OVER VOLTAGE
PROTECTION
27.6V
55.2V
13.8V
8.7A
4.4A
17.4A
10.9A
5.5A
21.7A
240.1W
300W
243W
304W
240.1W
300W
150mVp-p
350mVp-p
150mVp-p
11.5 ~ 15V
23.5 ~ 30V
47.5 ~ 58.8V
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±1.0%
±0.5%
±2.0%
1000ms, 100ms at full load
20ms at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.98/115VAC, PF>0.95/230VAC at full load
93.5%
94%
91%
COLD START 75A at 230VAC
<3.5mA / 240VAC
<0.15W
Normally works within 110 ~ 125% rated output power for more than 3 seconds and switches to constant current limiting, with
auto-recovery after the peak load condition is removed
Protection type : Constant current limiting, recovers automatically after fault condition is removed
31 ~ 36.5V
62.1 ~ 72.9V
15.5 ~ 18.2V
Constant current limiting, if >125% rated power, with auto-recovery after the overload condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
Shut down O/P voltage, recovers automatically after temperature goes down
IEC60950-1, UL60950-1 approved
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
-30 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH non-condensing
±℃
0.05%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
170.5K hrs min.
MIL-HDBK-217F (25
)
192*178*45.5mm (L*W*H)
1.23Kg; 10pcs/13.3Kg /1.34CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Peak current or peak power up to 3 seconds is provided.
3. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
4. Tolerance : includes set up tolerance, line regulation and load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Load regulation is measured from 0% to 100% rated load.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
8. Derating may be needed under low input voltages. Please check the derating curve for more details.
9. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
2.5A/115VAC
1.25A/230VAC
AC CURRENT (Typ.)
0 ~ 8.7A
0 ~ 4.4A
0 ~ 17.4A
240W Level
Desktop Type Power Supply
CURRENT
WATTAGE
PEAK
Note.2
PEAK
Note.2
RATED
RATED
SAFETY &
EMC
(Note 9)
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
EN55024
Standard
Standard
EN55032 (CISPR32) / FCC PART15 (CISPR22)
EN55032 (CISPR32) / FCC PART15 (CISPR22)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Level 3, 8KV air ; Level 2, 4KV contact
Level 2, 3V/m
Level 2, 1KV
Level 2, 1KV/Line-Line,Level 3, 2KV/Line-Earth
Level 2, 3Vrms
Level 1, 1A/m
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Class B
Class B
-----
-----
File Name:ENP-240-SPEC 2017-02-13


Similar Part No. - ENP-240-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-2120A ETC2-ENP-2120A Datasheet
81Kb / 1P
   SFX12V Pentium 4 Compliant
ENP-2120D ETC2-ENP-2120D Datasheet
91Kb / 1P
   SFX12V Pentium 4 Compliant
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
ENP-2322B ETC2-ENP-2322B Datasheet
446Kb / 2P
   Over Voltage Protection
ENP-2322C ETC2-ENP-2322C Datasheet
458Kb / 2P
   FLEX-ATX / TFX12V Compliant
More results

Similar Description - ENP-240-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENC-240 MEANWELL-ENC-240 Datasheet
107Kb / 5P
   240W Programmable Desktop Type Battery Charger
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
logo
Carlo Gavazzi Holding A...
SPD242401B CARLOGAVAZZI-SPD242401B Datasheet
605Kb / 4P
   Switching Power Supply Type SPD 240W DIN rail mounting
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
logo
Schneider Electric
ABLPA02 SCHNEIDER-ABLPA02 Datasheet
97Kb / 2P
   Mounting kit for Power Supply, 240W
Mar 23, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com