Selected language     English  ▼


ENP-360 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. ENP-360
Description  360W Level VIDesktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 3 page
background image
File Name:ENP-360-SPEC 2017-05-22
Block Diagram
360W Level
Desktop Type Power Supply
ENP-360 series
Static Characteristics
Derating Curve
CIRCUIT
DETECTION
EMI FILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING &
PWM
O.L.P.
CONTROL
PFC
CONTROL
-30
0
20
10
30
40
20
40
80
60
100
60
50
70 (HORIZONTAL)
90
100
115
120
140
160
180
190
200
220
240
264
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
AMBIENT TEMPERATURE (
)




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl