Selected language     English  â–¼


ENP-360 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. ENP-360
Description  360W Level VIDesktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 4 page
background image
Mechanical Specification
Case No. 252
Unit:mm
SWITCH
47.5
192
2 M3 L=5
-
45.5
4.3
INLET
VR
TB1
1
2
3
4
LED
Terminal Pin No. Assignment (TB1):
Pin No.
1,2
3,4
Assignment
+V
-V
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
File Name:ENP-360-SPEC 2017-05-22
360W Level
Desktop Type Power Supply
â…¥
ENP-360 series




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl