Selected language     English  ā–¼


GP25A Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. GP25A
Description  25W AC-DC Triple Output Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 3 page
background image
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Unit:mm
Plug Assignment
PIN NO
1
2
3
4
5
OUTPUT
COM
COM
+5VDC
-Vout
+Vout
1
2
3
4
5
45
o
Standard plug: R1B
AC FG
69.9
RUBBER FOOTX4
NAME PLATE
18
R1
3
POWER LED
106
107.5
36
UL2464 18AWG*3C & 20AWG*2C 1530+150/-0
54.8
10.2
GP25A series
File Name:GP25A-SPEC 2016-09-19
25W AC-DC Triple Output Industrial Adaptor
AMBIENT TEMPERATURE ( )
ā„ƒ
-20
0
20
10
30
40
20
50
40
70
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
Derating Curve
Static Characteristics




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl