Selected language     English  ▼


GP25A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. GP25A
Description  25W AC-DC Triple Output Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
GP25A series
■ Features
■ Model Encoding
-
A 13A
GP25
IEC320-C14 3pin AC input
Output voltage
DC plug type
R1B: Plug for standard model, power DIN 5 pin
Optional plug type available by customer requested
■ Description
Universal AC input / Full range
3 pole AC inlet IEC320-C14
No load power consumption < 0.3W
Energy efficiency level Ⅵ
Comply with EISA 2007/DoE
Class
power (with earth pin)
I
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
-20 ~ +70 working temperature
LED indicator for power on
Dual output available (optional)
3 years warranty
GP25A is a 25W triple-output desktop type green adaptor series, complying with the mandatory energy
saving standard USA EISA 2007/DoE (Level ). Adopting Class design and utilizing the standard inlet
ⅥI
IEC320-C14, it is designed with FG and uses the 94V-0 flame retardant plastic enclosure, which can
effectively prevent electric shock hazards. This series operates from 90~264VAC and offers three models
with the output voltage sets +5V/+12V/-5V, +5V/+12V/-12V and +5V/+15V/-15V. Its supreme advantages
includes the less-than-0.3W no load power consumption, the capability of wor king under -2 ~+70
0
ambient temperature, complete protection functions and three-year warranty and the compliance to the
international safety certification such as CB, TUV, UL, CE and FCC. GP25A is a multiple-output green
adaptor with high safety, high reliability and high quality.
25W AC-DC Triple Output Industrial Adaptor
{
■ Applications
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
R1B
File Name:GP25A-SPEC 2016-09-19
Series name
Output wattage




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl