Selected language     English  ▼


HLG-480H-C Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. HLG-480H-C
Description  480W Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

 
 4 page
background image
DIMMING OPERATION
480W
Constant Current Mode LED Driver
HLG-480H-C series
File Name:HLG-480H-C-SPEC 2017-01-17
* DIM+ for B-Type
PROG+ for D2-Type
* *DIM- for B-Type
PROG- for D2-Type
◎ Applying additive 0 ~ 10VDC
◎ Applying additive 10V PWM signal (frequency range 100Hz ~ 3KHz):
◎ Applying additive resistance:
Note : 1. Min. dimming level is about 6% and the output current is not defined when 0%< out<6%.
I
2. The output current could drop down to 0% when dimming input is about 0k
or 0Vdc, or 10V PWM signal with 0% duty cycle.
Ω
Vo+
Vo-
DIM+
DIM-
+
+
+
-
-
-
“DO NOT connect "DIM- to Vo-"
Additive Voltage
Vo+
Vo-
DIM+
DIM-
+
+
-
-
“DO NOT connect "DIM- to Vo-"
Additive PWM signal
Vo+
Vo-
DIM+
DIM-
+
+
-
-
“DO NOT connect "DIM- to Vo-"
Additive Resistance
0V 1V
2V
3V
4V
5V
6V
7V
8V
9V 10V
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Dimming input: Additive voltage
Duty cycle of additive 10V PWM signal dimming input
※ 3 in 1 dimming function (for B-Type)
Output constant current level can be adjusted by applying one of the three methodologies between DIM+ and DIM-:
0 ~ 10VDC, or 10V PWM signal or resistance.
Direct connecting to LEDs is suggested. It is not suitable
with additional drivers.
to be used
Dimming source current from power supply: 1 0 A (typ.)
0
μ
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Short 10K/N 20K/N 30K/N 40K/N 50K/N 60K/N 70K/N 80K/N 90K/N 100K/N
(N=driver quantity for synchronized
)
dimming operation
Dimming input: Additive resistance
HLG-480H-C
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
Vo-(Blue)
Vo+(Brown)
DIM-(Black)
DIM+(Gray)




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl