Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKMW30F-05 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SKMW30F-05
Description  30W 1x1 Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKMW30F-05 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SKMW30F-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKMW30F-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKMW30F-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKMW30F-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30W 1"x1" Package DC-DC Regulated Converter
■ Model Encoding
DIP 1"x1" package with industry standard pinout
4:1 ultrawide input range
Operating temperature range -40 ~ +85℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 90%
Protections: Short circuit (Continuous) / Overload /
Over voltage / Over temperature / Input under voltage
1.5KVDC I/O isolation
Remote ON/OFF control and Triming output ( 10%)
±
3 years warranty
■ Features
SKMW30 & DKMW30 series
■ Applications
■ Description
SKMW30KMW30
30
regulated
D 1 x1
and D
series are
W isolated and
module type DC-DC converter with IP " "
package. It features international standard pins, a high efficiency up to
%,
working temperature
90wide
range -40~+
, . KVDC I/P-O/P isolation voltage,
85
1 5
compliance to EN55032 radiated Class A without
additional components
overload over temperature input under voltage
, continuous-mode short circuit,
,
,
protection,
/
etc. The models account for different input
remote ON OFF and trimmable output voltage
voltage
and various output voltage, .
/5V/12V/15V
9~36V and 18~75V 4:1 ultrawide input range,
33V
for
for
single output and ±12V/±15V
dual outputs, which are suitable for all kinds of systems, uch
s
as industrial control, telecommunication field, distributed power architecture, and so on.
File Name:SKMW30,DKMW30-SPEC 2017-03-06
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch
Output voltage (3 3 5
.// /
± /±
12 15Vdc
12 15Vdc)
Rated wattage
Input voltage (F: 9~36Vdc G: 18~75Vdc)
Series name
- 12
S KMW30 F
S:Single output
D:Dual output
{


Similar Part No. - SKMW30F-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKMW20 MEANWELL-SKMW20 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-03 MEANWELL-SKMW20F-03 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-05 MEANWELL-SKMW20F-05 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-12 MEANWELL-SKMW20F-12 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
SKMW20F-15 MEANWELL-SKMW20F-15 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
More results

Similar Description - SKMW30F-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
   30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com