Selected language     English  ▼


SPBW06 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part No. SPBW06
Description  6W SIP Package DC-DC Regulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 5 page
background image
Remote ON/OFF Control
File Name:SPBW06,DPBW06-SPEC 2017-03-06
6W SIP Package DC-DC Regulated Converter
SPBW06 & DPBW06 series
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
1K
Ω
+Vin
O/O
NFF
-Vin
2
~4mA
current
source
Application circuit
The remote ON/OFF input feature of the converter allows external circuitry to turn the converter ON or OFF. Active-high remote ON/OFF is available as
standard. The converter is turned ON if the remote ON/OFF pin is open circuit. Supply the ON/OFF pin at 2mA to 4mA will turn the converter OFF. The
signal level of the ON/OFF pin is defined with respect to ground. If not using the ON/OFF pin, leave the pin open (module will be ON, recommended
application as below)
ON/OFF pin appliend current via 1K
Ω
EMC Suggestion Circuit
※Required external components to meet EN55032 class A/B emission are as below:
SPBW06 / DPBW06
C3
C4
+Vin
-Vi n
Lo ad
+Vout
-Vout
+Vin
-Vi n
+Vout
-Vout
L1
C1
C2
E 55022 lass A
N
C
E 55022 lass B
NC
Model No.
C1
C1
C
2
C
2
C
3
C
3
C
4
C
4
L1
L1
SPBW06F-03
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV
1500pF/2KV 10 H
μ
SPBW06F-05
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06F-12
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-15
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-05
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-12
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06F-15
10 F/50V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
10 F/50V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-03
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-05
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-12
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
SPBW06G-15
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
2.2 F/100V
μ
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-05
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-12
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
DPBW06G-15
1 F/100V
μ
NC
150pF/2KV
150pF/2KV 10 H
μ
2.2 F/100V
μ
NC
1500pF/2KV 1500pF/2KV 10 H
μ
Note: All of capacitors are ceramic capacitors
SPBW06/
DPBW06




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl