Selected language     English  Ôľ╝


SPBW06 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. SPBW06
Description  6W SIP Package DC-DC Regulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPBW06F-03
SPBW06F-05
SPBW06F-12
SPBW06F-15
DPBW06F-05
DPBW06G-05
DPBW06F-12
DPBW06G-12
DPBW06F-15
DPBW06G-15
SPBW06G-03
SPBW06G-05
SPBW06G-12
SPBW06G-15
24V
(9 ~ 36V)
48V
(18 ~ 75V)
3.3V
3.3V
5V
5V
12V
12V
15V
15V
5V
┬▒
5V
┬▒
12V
┬▒
12V
┬▒
15V
┬▒
15V
┬▒
310mA
288mA
145mA
298mA
155mA
145mA
288mA
150mA
288mA
145mA
298mA
145mA
288mA
150mA
4mA
7mA
3mA
3mA
3mA
5mA
4mA
3mA
4mA
4mA
5mA
5mA
4mA
6mA
0 ~ 1500mA
0 ~ 1500mA
0 ~ 1200mA
0 ~ 1200mA
0 ~ 500mA
0 ~ 500mA
0 ~ 400mA
0 ~ 400mA
0 ~ 600mA
┬▒
0 ~ 600mA
┬▒
0 ~ 250mA
┬▒
0 ~ 250mA
┬▒
0 ~ 200mA
┬▒
0 ~ 200mA
┬▒
81%
88%
89%
85%
82%
88%
88%
85%
88%
88%
86%
87%
88%
85%
4700 F
╬╝
4700 F
╬╝
2200 F
╬╝
2200 F
╬╝
1100 F
╬╝
1100 F
╬╝
470 F
╬╝
470 F
╬╝
*1400 F
╬╝
*1400 F
╬╝
*660 F
╬╝
*660 F
╬╝
*220 F
╬╝
*220 F
╬╝
File Name:SPBW06,DPBW06-SPEC 2017-03-06
6W SIP Package DC-DC Regulated Converter
SPBW06 & DPBW06 series
EFFICIENCY
(TYP.)
* For each output




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl