Selected language     English  ▼


SPU01 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. SPU01
Description  1W SIP Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 4 page
background image
File Name:SPU01,DPU01-SPEC 2017-03-06
1W SIP Package DC-DC Unregulated Converter
SPU01 & DPU01 series
All dimensions in mm(inch)
Tolerance:x.x
0.25mm(
0.01")
±±
x.xx
x.xx
0.13mm(
0.005")
x.xxx
±±
Pin pitch tolerance:
0.05mm (
0.002")
±±
Mechanical Specification
Plug Assignment
Pin-Out
Pin No.
1
2
4
5
6
+Vin
-Vin
-Vout
No pin
+Vout
+Vin
-Vin
-Vout
Common
+Vout
SPU01
(Single output)
DPU01
(Dual output)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
-40
-20
0
20
40
60
80
100
40
20
60
85
90
100
Bottom View
Bottom View
2.1(0.08)
19.5(0.77)
2.54(0.1)
18.5(0.73)
5/12Vin
2
1
4
6
5
0.5(0.02)
0.5(0.02)
18.5(0.73)
24Vin
2
1
4
6
5
Natural convection
Front View




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl