Selected language     English  ▼


SPU01 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. SPU01
Description  1W SIP Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
1W SIP Package DC-DC Unregulated Converter
■ Model Encoding
Output voltage (
5
5/12/15V
± /± /±
dc
12 15Vdc)
Rated wattage
Input voltage ( 4.5 ~ 5.5V
10.8 ~ 13.2V
21.6 ~ 26.4V
L:
dc M:
dc N:
dc)
,,
Series name
- 12
S PU01L
SIP6 package with industry standard pinout
Operating temperature range -40 ~ +90℃
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 84%
Protection: Short circuit
1.5KVDC I/O isolation
Low cost
3 years warranty
■ Features
S:Single output
D:Dual output
{
SPU01 & DPU01 series
File Name:SPU01,DPU01-SPEC 2017-03-06
■ Applications
■ Description
SP
and DP
series are W isolated and
module type DC-DC converter with SIP
U01
U01
1
unregulated
6
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
4
wide
range -40~+
, . KVDC I/P-O/P isolation voltage, compliance to
Class without
90
1 5
EN55032 radiated
A
additional component , short circuit protection, etc. The models account for different input voltage
s
5V/12V/
24V
,
10%
for
for
±
and various output voltage, 5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs,
which are suitable for all kinds of systems, uch as industrial control, telecommunication field, distributed
s
power architecture, and so on.
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl