Selected language     English  Ôľ╝


SPU01 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. SPU01
Description  1W SIP Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPU01L-05
SPU01M-05
SPU01N-05
SPU01L-12
SPU01M-12
SPU01N-12
SPU01L-15
SPU01M-15
SPU01N-15
DPU01L-05
DPU01M-05
DPU01N-05
DPU01L-12
DPU01M-12
DPU01N-12
DPU01L-15
DPU01M-15
DPU01N-15
5V
(4.5 ~ 5.5V)
12V
(10.8 ~ 13.2V)
24V
(21.6 ~ 26.4V)
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
┬▒
5V
┬▒
5V
┬▒
12V
┬▒
12V
┬▒
12V
┬▒
15V
┬▒
15V
┬▒
15V
┬▒
253mA
104mA
52mA
255mA
104mA
52mA
52mA
54mA
53mA
55mA
258mA
103mA
260mA
105mA
255mA
102mA
270mA
108mA
40mA
15mA
15mA
15mA
15mA
15mA
15mA
7mA
45mA
7mA
8mA
7mA
8mA
8mA
45mA
45mA
45mA
45mA
0 ~ 200mA
0 ~ 200mA
0 ~ 200mA
0 ~ 84mA
0 ~ 84mA
0 ~ 84mA
0 ~ 67mA
0 ~ 67mA
0 ~ 67mA
0 ~ 100mA
┬▒
0 ~ 100mA
┬▒
0 ~ 100mA
┬▒
0 ~ 42mA
┬▒
0 ~ 42mA
┬▒
0 ~ 42mA
┬▒
0 ~ 33mA
┬▒
0 ~ 33mA
┬▒
0 ~ 33mA
┬▒
79%
81%
80%
79%
83%
81%
80%
80%
80%
78%
79%
84%
78%
81%
78%
83%
75%
78%
1W SIP Package DC-DC Unregulated Converter
SPU01 & DPU01 series
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
220 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
*100 F
╬╝
File Name:SPU01,DPU01-SPEC 2017-03-06
EFFICIENCY
(TYP.)
* For each output




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl