Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBW06F-12 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SPBW06F-12
Description  6W SIP Package DC-DC Regulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPBW06F-12 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SPBW06F-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPBW06F-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPBW06F-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPBW06F-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SPBW06F-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
Pin pitch tolerance:
0.05mm (
0.002")
±±
Plug Assignment
Pin-Out
Pin No.
1
2
3
5
6
7
8
-Vin
+Vin
R.C.
N.C.
+Vout
-Vout
N.C.
-Vin
+Vin
R.C.
N.C.
Common
+Vout
-Vout
SPBW06
(Single output)
DPBW06
(Dual output)
Derating Curve
Ta (
)
-40
-20
0
Natural convection
20
40
80
100
40
60
50
20
61 65
85
100
for 12 / 15Vout &
±12 / 15Vout
for 3.3 / 5Vout &
5Vout
±
File Name:SPBW06,DPBW06-SPEC 2017-03-06
6W SIP Package DC-DC Regulated Converter
SPBW06 & DPBW06 series
Mechanical Specification
21.8(0.86)
2.5(0.10)
17.8(0.70)
Bottom View
2(0.08)
0.5(0.02)
1
23
567
8
Front View


Similar Part No. - SPBW06F-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-03 MEANWELL-SPBW03F-03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-05 MEANWELL-SPBW03F-05 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-12 MEANWELL-SPBW03F-12 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-15 MEANWELL-SPBW03F-15 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
More results

Similar Description - SPBW06F-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
VRB1203S-6WR3 MORNSUN-VRB1203S-6WR3 Datasheet
766Kb / 4P
   6W,wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URB2403S-6WR3 MORNSUN-URB2403S-6WR3 Datasheet
667Kb / 4P
   6W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
   6W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MSGWI06 MINMAX-MSGWI06_15 Datasheet
397Kb / 5P
   DC/DC CONVERTER 6W, SMD Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com