Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHP-200A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # UHP-200A
Description  200W Single Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

UHP-200A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  UHP-200A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Universal AC input / Full range
Withstand 300VAC surge input for 5 seconds
Low profile:26mm
Built-in active PFC function
Fanless design, cooling by free air convection
Protections: Short circuit / Overload / Over voltage
/ Over temperature
Low leakage current<1.0mA
LED indicator for power on
3 years warranty
File Name:UHP-200A-SPEC 2017-07-21
UHP-200A series
200W Single Output with PFC Function
Features
Applications
Model Encoding
Description
Rated output
voltage(4.2/4.5/5V)
Rated
wattage
Series name
UHP
-
- 200A
5
LED signage display
Moving sign
LED channel letter
LED TV wall
UHP-200A series is a 200W LED display power solution. The ultra low profile design that allows the
height and weight of the sign module to be slim. It greatly simplifies the delivery and installation
process. Accounting for high efficiency and energy saving, the series effectively achieves electricity
reduction. It is suitable for LED signage display, moving sign, LED channel letter and LED TV wall etc.
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os


Similar Part No. - UHP-200A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UHP-200 MEANWELL-UHP-200 Datasheet
226Kb / 6P
   200W Slim Type with PFC Switching Power Supply
More results

Similar Description - UHP-200A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com