Selected language     English  ā–¼


UHP-350 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part No. UHP-350
Description  350W Slim Type with PFC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 5 page
background image
Mechanical Specification
CASE NO.:232C
Unit:mm
File Name:UHP-350-SPEC 2017-08-23
UHP-350 series
350W Slim Type with PFC Switching Power Supply
Pin No.
1
3
2
Assignment
AC/L
AC/N
AC Input Terminal(TB1) pin NO. Assignment
Terminal
(DEGSON)
DC Output Terminal(TB2,TB3) pin NO. Assignment
Pin No.
1,2
3,4
Assignment
-V
+V
Terminal
(MW)
Pin No.
1
2
Assignment
DC COM
DC OK +V
DC OK Connector(CN10):JST B2B-PH-K-S or requivalent
Mating Housing
JST PHR-2
or requivalent
Terminal
JST SPH-002T-P0.5S
or requivalent
DG28C B 03P
--
TB-HTP-200-40A
Max mounting torque
Max mounting torque
5Kgf-cm
8Kgf-cm
1
2
3
220
214
3
1
2
3
4
37.5
VR
1 2




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl