Selected language     English  ▼


UHP-350 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part No. UHP-350
Description  350W Slim Type with PFC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 6 page
background image
File Name:UHP-350-SPEC 2017-08-23
Installation
UHP-350 series
350W Slim Type with PFC Switching Power Supply
1.Operate with additional aluminum plate
on the bottom.The size of the suggested aluminum plate is shown as below. And for optimizing thermal performance, the aluminum plate must have an even and
smooth surface (or coated with thermal grease), and UHP-350 series must be firmly mounted at the center of the aluminum plate.
In order to meet the“Derating Curve”and the “Static Characteristics” ,UHP-350 series must be installed onto an aluminum plate(or the cabinet of the same size)
unit:mm
2.For heat dissipation, at least 5cm installation distance around the PSU should be kept, shown as below:
5cm
5cm
1
2
3
VR
1
2
3
4
450
450
M3*4




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl