Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBW06G-03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPBW06G-03
Description  6W SIP Package DC-DC Regulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPBW06G-03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPBW06G-03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPBW06G-03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPBW06G-03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPBW06G-03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SPBW06G-03 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
SIP8 package with industry standard pinout
4:1 ultrawide input range
Operating temperature range -40 ~ +85℃
No minimum load required
High efficiency up to 89%
Protections: Short circuit (Continuous) / Overload
1.5KVDC I/O isolation
Remote ON/OFF control
3 years warranty
■ Features
■ Applications
File Name:SPBW06,DPBW06-SPEC 2017-03-06
6W SIP Package DC-DC Regulated Converter
SPBW06 & DPBW06 series
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch
■ Description
SP
and DP
series are W isolated and
module type DC-DC converter with SIP
BW06
BW06
6
regulated
8
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
9
wide
range -40~+
, . KVDC I/P-O/P isolation voltage,
-mode short circuit protection, etc.
85
1 5
continuous
The models account for different input voltage
and various
9~36V and 18~75V 4:1 wide input range,
output voltage, .
/5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs, which are
3 3V
for
for
suitable for all kinds of systems, uch as industrial control, telecommunication field, distributed power
s
architecture, and so on.
Output voltage (3 3 5
5
. / / /
± /± /±
12 15Vdc
12 15Vdc)
Rated wattage
Input voltage (F: 9~36Vdc G: 18~75Vdc)
Series name
- 12
S PBW06 F
S:Single output
D:Dual output
{


Similar Part No. - SPBW06G-03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-03 MEANWELL-SPBW03F-03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-05 MEANWELL-SPBW03F-05 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-12 MEANWELL-SPBW03F-12 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPBW03F-15 MEANWELL-SPBW03F-15 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
More results

Similar Description - SPBW06G-03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
VRB1203S-6WR3 MORNSUN-VRB1203S-6WR3 Datasheet
766Kb / 4P
   6W,wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
SPB09 MEANWELL-SPB09 Datasheet
118Kb / 5P
   9W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URB2403S-6WR3 MORNSUN-URB2403S-6WR3 Datasheet
667Kb / 4P
   6W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
Mean Well Enterprises C...
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
   6W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MSGWI06 MINMAX-MSGWI06_15 Datasheet
397Kb / 5P
   DC/DC CONVERTER 6W, SMD Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com