Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPU01L-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DPU01L-05
Description  1W SIP Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPU01L-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DPU01L-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPU01L-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPU01L-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPU01L-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPU01L-05
SPU01M-05
SPU01N-05
SPU01L-12
SPU01M-12
SPU01N-12
SPU01L-15
SPU01M-15
SPU01N-15
DPU01L-05
DPU01M-05
DPU01N-05
DPU01L-12
DPU01M-12
DPU01N-12
DPU01L-15
DPU01M-15
DPU01N-15
5V
(4.5 ~ 5.5V)
12V
(10.8 ~ 13.2V)
24V
(21.6 ~ 26.4V)
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
15V
±
15V
±
15V
±
253mA
104mA
52mA
255mA
104mA
52mA
52mA
54mA
53mA
55mA
258mA
103mA
260mA
105mA
255mA
102mA
270mA
108mA
40mA
15mA
15mA
15mA
15mA
15mA
15mA
7mA
45mA
7mA
8mA
7mA
8mA
8mA
45mA
45mA
45mA
45mA
0 ~ 200mA
0 ~ 200mA
0 ~ 200mA
0 ~ 84mA
0 ~ 84mA
0 ~ 84mA
0 ~ 67mA
0 ~ 67mA
0 ~ 67mA
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 42mA
±
0 ~ 42mA
±
0 ~ 42mA
±
0 ~ 33mA
±
0 ~ 33mA
±
0 ~ 33mA
±
79%
81%
80%
79%
83%
81%
80%
80%
80%
78%
79%
84%
78%
81%
78%
83%
75%
78%
1W SIP Package DC-DC Unregulated Converter
SPU01 & DPU01 series
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
220 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
*100 F
μ
File Name:SPU01,DPU01-SPEC 2017-03-06
EFFICIENCY
(TYP.)
* For each output


Similar Part No. - DPU01L-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DPU-3200 MEANWELL-DPU-3200 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
DPU-3200-24 MEANWELL-DPU-3200-24 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
DPU-3200-48 MEANWELL-DPU-3200-48 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
logo
Pepperl+Fuchs Inc.
DPU3200-15FC-304A-V1-N0 PF-DPU3200-15FC-304A-V1-N0 Datasheet
722Kb / 3P
   Display Unit
DPU3200-19SC-304A-V1-N0 PF-DPU3200-19SC-304A-V1-N0 Datasheet
1,009Kb / 3P
   Display Unit
More results

Similar Description - DPU01L-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com