Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPU01N-05 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DPU01N-05
Description  1W SIP Package DC-DC Unregulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPU01N-05 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DPU01N-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPU01N-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPU01N-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPU01N-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1W SIP Package DC-DC Unregulated Converter
■ Model Encoding
Output voltage (
5
5/12/15V
± /± /±
dc
12 15Vdc)
Rated wattage
Input voltage ( 4.5 ~ 5.5V
10.8 ~ 13.2V
21.6 ~ 26.4V
L:
dc M:
dc N:
dc)
,,
Series name
- 12
S PU01L
SIP6 package with industry standard pinout
Operating temperature range -40 ~ +90℃
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 84%
Protection: Short circuit
1.5KVDC I/O isolation
Low cost
3 years warranty
■ Features
S:Single output
D:Dual output
{
SPU01 & DPU01 series
File Name:SPU01,DPU01-SPEC 2017-03-06
■ Applications
■ Description
SP
and DP
series are W isolated and
module type DC-DC converter with SIP
U01
U01
1
unregulated
6
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
4
wide
range -40~+
, . KVDC I/P-O/P isolation voltage, compliance to
Class without
90
1 5
EN55032 radiated
A
additional component , short circuit protection, etc. The models account for different input voltage
s
5V/12V/
24V
,
10%
for
for
±
and various output voltage, 5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs,
which are suitable for all kinds of systems, uch as industrial control, telecommunication field, distributed
s
power architecture, and so on.
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch


Similar Part No. - DPU01N-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DPU-3200 MEANWELL-DPU-3200 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
DPU-3200-24 MEANWELL-DPU-3200-24 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
DPU-3200-48 MEANWELL-DPU-3200-48 Datasheet
378Kb / 8P
   3200W Power Supply with Single Output
logo
Pepperl+Fuchs Inc.
DPU3200-15FC-304A-V1-N0 PF-DPU3200-15FC-304A-V1-N0 Datasheet
722Kb / 3P
   Display Unit
DPU3200-19SC-304A-V1-N0 PF-DPU3200-19SC-304A-V1-N0 Datasheet
1,009Kb / 3P
   Display Unit
More results

Similar Description - DPU01N-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com