Selected language     English  ▼


RR2L4S Datasheet(PDF) 1 Page - Rohm

Part No. RR2L4S
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR2L4S
lSeries
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
Standard Rectifier
lApplication
General rectification
lFeatures
lStructure
1) Low forward voltage
2) Small power mold type
(PMDS)
lTaping specifications (Unit : mm)
lConstruction
lAbsolute maximum ratings (T
l = 25°C)
Unit
Repetitive peak reverse voltage
V
Reverse voltage
V
A
Operating junction temperature
°C
Storage temperature
°C
lElectrical characteristics (T
j = 25°C)
Min.
Typ.
Max.
Unit
Forward voltage
-
0.9
1.1
V
Reverse current
-
0.01
10
mA
Parameter
Non-repetitive forward surge current
A
Parameter
60Hz half sin wave , Resistive load
Io
Symbol
Limits
400
400
50
2
Direct voltage
On glass epoxy substrate,
VF
IR
Conditions
IF=2A
VR=400V
Silicon diffused junction type
150
-55 to +150
IFSM
Tj
Tstg
60Hz half sin wave , Non-repetitive at Tj=25°C
Average current
Tl=96°C
VRM
VR
Symbol
Conditions
Duty ≦0.5
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ 1.55±0.05
φ 1.55
0.3
2.8MAX
f1.550.05
f1.55
anode
cathode
PMDS
ROHM : PMDS
JEDEC :SOD-106
Manufacture Date
1
2
2.0
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
1
9
1
2
1/4
2014.07 - Rev.A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl