Selected language     English  ▼


RR2L6SDD_15 Datasheet(PDF) 2 Page - Rohm

Part No. RR2L6SDD_15
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 2 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RR2L6SDD
Electrical characteristic curves
1
10
100
1000
10000
0
100
200
300
400
500
600
Tj = 25°C
Tj = 150°C
Tj = 75°C
Tj = 125°C
0.001
0.01
0.1
1
10
0
200
400
600
800
1000 1200
Tj = 75°C
Tj = 25°C
Tj = 125°C
Tj = 150°C
1
10
100
0
5
10
15
20
25
30
f = 1MHz
Ta = 25°C
1
10
100
1000
110
100
Tj = 25°C
Tj = 25°C
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
1cyc.
8.3ms
IFSM
8.3ms
2/4
2014.09 - Rev.A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl