Selected language     English  ▼


RR2L6SDD_15 Datasheet(PDF) 3 Page - Rohm

Part No. RR2L6SDD_15
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 3 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RR2L6SDD
Electrical characteristic curves
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-l)
0
0.5
1
1.5
2
2.5
3
3.5
0
306090
120
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0
0.5
1
1.5
2
2.5
030
60
90
120
150
D.C.
D = 0.1
D = 0.2
half sin wave
D = 0.5
1
10
100
1000
110
100
Tj = 25°C
TIME : t(ms)
IFSM-t CHARACTERISTICS
IFSM
time
TIME : t(s)
Rth-t CHARACTERISTICS
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
LEAD TEMPERATURE : Tl(°C)
DERATING CURVE (Io-Tl)
T
Tj=150°C
D=t/T
t
VR
Io
VR=VRMAX
0A
0V
T
Tj=150°C
D=t/T
t
VR
Io
VR=VRMAX
0A
0V
3/4
2014.09 - Rev.A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl