Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR2LAM4S Datasheet(PDF) 3 Page - Rohm

Part # RR2LAM4S
Description  Rectifying Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RR2LAM4S Datasheet(HTML) 3 Page - Rohm

  RR2LAM4S Datasheet HTML 1Page - Rohm RR2LAM4S Datasheet HTML 2Page - Rohm RR2LAM4S Datasheet HTML 3Page - Rohm RR2LAM4S Datasheet HTML 4Page - Rohm RR2LAM4S Datasheet HTML 5Page - Rohm RR2LAM4S Datasheet HTML 6Page - Rohm RR2LAM4S Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
RR2LAM4S
lElectrical Characteristic Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
150
D = 0.5
D.C.
half sin wave
D = 0.1
D = 0.2
1
10
100
1000
1
10
100
T
j = 25°C
I
FSM
time
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
TIME : t(ms)
I
FSM-t CHARACTERISTICS
TIME : t(s)
R
th-t CHARACTERISTICS
AMBIENT TEMPERATURE : T
a(°C)
DERATING CURVE (I
o-Ta)
LEAD TEMPERATURE : T
l(°C)
DERATING CURVE (I
o-Tl)
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-l)
20mm x 20mm x 0.8mm glass epoxy(FR-4)
Both side is all covered with copper
(35um thickness)
3/4
2017.04 - Rev.B


Similar Part No. - RR2LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
   Rectifying Diode
More results

Similar Description - RR2LAM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RR264M-400TR ROHM-RR264M-400TR Datasheet
111Kb / 4P
   Rectifying diode
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
   Rectifying Diode
RR2LAM6STF ROHM-RR2LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR1LAM6S ROHM-RR1LAM6S Datasheet
827Kb / 7P
   Rectifying Diode
RR2LAM6S ROHM-RR2LAM6S Datasheet
761Kb / 7P
   Rectifying Diode
RR264MM-400 ROHM-RR264MM-400 Datasheet
598Kb / 5P
   Rectifying Diode
RR1LAM4S ROHM-RR1LAM4S Datasheet
824Kb / 7P
   Rectifying Diode
RR264MM-400TF ROHM-RR264MM-400TF_16 Datasheet
897Kb / 7P
   Rectifying Diode
RR1LAM6STF ROHM-RR1LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR264M-400 ROHM-RR264M-400 Datasheet
160Kb / 4P
   Rectifying diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com