Selected language     English  ▼


TRBUG1CFBC000E2G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part No. TRBUG1CFBC000E2G
Description  Multi-rate Gigabit & Fast Ethernet Transceivers Bi-Directional SFP 1000BASE 10KM LC Receptacle
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 6 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 6 of 6
S0489. Rev.01 2015-02-27
TRBUG1CxBx000E2G
Multi-rate Gigabit & Fast Ethernet Transceivers
Bi-Directional SFP 1000BASE 10KM LC Receptacle
Package Outline
Ordering information
Oplink Communications, LLC. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink
Communications, LLC. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, LLC. for its use nor
for any infringements of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink
Communications, LLC.
©2015 Oplink Communications, LLC.
Part Number
DDM
Operating
Temperature
range
Latch
Color
Nominal Wavelength
Optical Link
Power
Budget
Distance¹
Tx
Rx
TRBUG1CFBI000E2G
YES
-40~85 °C
Blue
1310nm
1490nm
11dB
10km
TRBUG1CBBI000E2G
YES
-40~85 °C
Violet
1490nm
1310nm
11dB
10km
TRBUG1CUBI000E2G
YES
-40~85 °C
Blue
1310nm
1550nm
11dB
10km
TRBUG1CDBI000E2G
YES
-40~85 °C
Yellow
1550nm
1310nm
11dB
10km
TRBUG1CFBC000E2G
YES
-5~70 °C
Blue
1310nm
1490nm
11dB
10km
TRBUG1CBBC000E2G
YES
-5~70 °C
Violet
1490nm
1310nm
11dB
10km
TRBUG1CUBC000E2G
YES
-5~70 °C
Blue
1310nm
1550nm
11dB
10km
TRBUG1CDBC000E2G
YES
-5~70 °C
Yellow
1550nm
1310nm
11dB
10km
1 The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber
loss, connector and splice loss, and allocated system penalty. Longer distances can be supported if the optical link power
budget is satisfied.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl