Selected language     English  ▼


TRBUG1CFBC000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TRBUG1CFBC000E2G
Description  Multi-rate Gigabit & Fast Ethernet Transceivers Bi-Directional SFP 1000BASE 10KM LC Receptacle
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 2 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 2 of 6
S0489. Rev.01 2015-02-27
TRBUG1CxBx000E2G
Multi-rate Gigabit & Fast Ethernet Transceivers
Bi-Directional SFP 1000BASE 10KM LC Receptacle
Features
 Lead Free Design & RoHS Compliant
 Compatible with SFP MSA
 Compliant with IEEE 802.3ah Gigabit Ethernet Standard
 1310nm, 1490nm and 1550nm Wavelengths
 Distances up to 10km over Single Mode Fiber
 Digital Diagnostics through Serial Interface
 Eye Safe (Class 1 Laser Safety)
 Simplex LC Optical Interface
 -40℃ to +85℃ Operating Temperature option
 Hot-pluggable
 TX Fault & Loss of Signal Outputs
 TX Disable Input
 Single +3.3V Power Supply
 Option of Digital Diagnostics function
Description
The TRBUG1CxBx000E2G modules are single fiber,
bi-directional SFP transceivers that provide a quick
and reliable interface for 1000BASE-BX-D/U Gigabit
Ethernet applications.
Three types of modules are available: the 1310nm FP
laser-based transceiver (BX-U), the 1490nm DFB
laser-based transceiver (BX-D) and the 1550nm DFB
laser-based transceiver (BX-D). The transceivers
possess
option
to
be
integrated
with
digital
diagnostics monitoring, which provides features to
detect a problem before system performance is
impacted. The diagnostic functions, alarms and
warning features are provided via an I2C serial
interface
as
described
per
the
Multi-Source
Agreement (MSA) document, SFF-8472 (Rev. 9.4).
All modules meet Class 1 Laser Safety requirements
in
accordance
with
the
U.S.
and
international
standards as described in the FDA/CDRH and IEC-
60825 documents, respectively.
The TRBUG1CxBx000E2G transceivers connect to
standard
20-pad
SFP
connectors
for
hot
plug
capability. This allows the system designer to make
configuration or maintenance changes by simply
plugging in different types of transceivers without
removing the power supply from the host system.
The transceivers have color-coded latches that
identify the TX wavelength. The MSA compliant latch
offers an easy and convenient way to release the
module.
The transmitter and receiver DATA interfaces are AC-
coupled
internally.
LV-TTL
Transmitter
Disable
control input and Loss of Signal output interfaces are
also provided.
The transceivers operate from a single +3.3V power
supply over an operating case temperature range of -
40°C to +85°C. The package is made of metal for
EMI immunity.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
Tstg
-40
+85
°C
Operating Case Temperature
1
Commercial
TOP
-5
+70
°C
Industrial
-40
+85
Supply Voltage
VCC
0
+4.5
V
Input Voltage
VIN
0
VCC
V
1 Measured on top side of SFP module at the front center vent hole of the cage,




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl