Selected language     English  ▼


TRBUG1CFBC000E2G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part No. TRBUG1CFBC000E2G
Description  Multi-rate Gigabit & Fast Ethernet Transceivers Bi-Directional SFP 1000BASE 10KM LC Receptacle
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 4 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 4 of 6
S0489. Rev.01 2015-02-27
TRBUG1CxBx000E2G
Multi-rate Gigabit & Fast Ethernet Transceivers
Bi-Directional SFP 1000BASE 10KM LC Receptacle
Transmitter Electrical Interface (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-)¹
VPP-DIF
0.5
-
2.4
V
Input HIGH Voltage (TX Disable)²
VIH
2.0
-
Vcc
V
Input LOW Voltage (TX Disable)²
VIL
0
-
0.8
V
Output HIGH Voltage (TX Fault)³
VOH
2.0
-
Vcc + 0.3
V
Output LOW Voltage (TX Fault)³
VOL
0
-
0.8
V
¹Differential peak-to-peak voltage.
²There is an i
nternal 4.7 to 10kΩ pull-up resistor to Vcc.
³Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc.
Receiver Electrical Interface (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD)¹
VPP-DIF
0.6
-
2
V
Output HIGH Voltage (LOS)²
VOH
2.0
-
Vcc + 0.3
V
Output LOW Voltage (LOS)²
VOL
0
-
0.5
V
¹Differential peak-to-
peak voltage across external 100Ω load.
²Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc..
Electrical Power Supply Characteristics (over Operating Case Temperature, VCC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
Vcc
3.13
3.3
3.47
V
Supply Current
Icc
-
-
300
mA
Module Definition
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
Electric Pad Layout
Host Board Connector Pad Layout




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl