Selected language     English  ▼


RR268MM-600TF Datasheet(PDF) 1 Page - Rohm

Part No. RR268MM-600TF
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR268MM-600TF
l
Serise
l
Dimensions (Unit : mm)
l
Land Size Figure (Unit : mm)
General Rectifying
l
Applications
General rectification
l
Features
1)
l
Structure
2) High reliability
l
Taping Dimensions (Unit : mm)
l
Construction
Silicon diffused junction type
l
Absolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
l
Electrical Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.8
0.93
0.98
V
Reverse current
IR
-
0.02
10
mA
-55 to +150
400
150
VR=400V
Direct reverse voltage
-
-
60Hz half sin wave , Resistive load T
l=123°C
Parameter
Forward voltage
Conditions
IF=1A
Unit
600
Non-repetitive forward surge current
IFSM
25
Limits
Average current
Io
A
A
1
60Hz half sin wave, Non-repetitive at Tj=25°C
Parameter
Conditions
Duty≦0.5
Small power mold type
(PMDU)
Symbol
PMDU
Cathode
Anode
1.2
ROHM : PMDU
JEDEC : SOD-123FL
: Manufacture Date
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.05
0.1
1/4
2016.05 - Rev.A
AEC-Q101 Qualified




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl