Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M7 Datasheet(PDF) 3 Page - Rohm

Part # SP8M7
Description  Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M7 Datasheet(HTML) 3 Page - Rohm

  SP8M7 Datasheet HTML 1Page - Rohm SP8M7 Datasheet HTML 2Page - Rohm SP8M7 Datasheet HTML 3Page - Rohm SP8M7 Datasheet HTML 4Page - Rohm SP8M7 Datasheet HTML 5Page - Rohm SP8M7 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP8M7
Transistors
3/5
P-ch
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µA
−30
−−
V
−−
−1
µA
−1.0
−−2.5
V
20
28
25
35
m
30
42
6.0
−−
S
2600
pF
450
350
pF
20
pF
50
ns
110
ns
70
ns
25
ns
5.5
nC
10
nC
−−
nC
VGS
= ±20V, VDS=0V
VDD
−15V
ID
= −1mA, VGS=0V
VDS
= −30V, VGS=0V
VDS
= −10V, ID= −1mA
ID
= −7.0A, VGS= −10V
ID
= −7.0A, VGS= −4.5V
ID
= −7.0A, VGS= −4.0V
ID
= −7.0A, VDS= −10V
VDS
= −10V
VGS
=0V
f
=1MHz
VGS
= −10V
RL
=4.3Ω
RGS
=10Ω
VGS
= −5V
ID
= −7.0A
ID
= −3.5A, VDD −15V
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
VSD
−−
−1.2
V
IS
=−1.6A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
∗Pulsed


Similar Part No. - SP8M7

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M70 ROHM-SP8M70 Datasheet
686Kb / 19P
   Dual N & Pch Power MOSFET
More results

Similar Description - SP8M7

ManufacturerPart #DatasheetDescription
logo
Rohm
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
SP8M4 ROHM-SP8M4 Datasheet
104Kb / 6P
   Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
   Switching
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
Rohm
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
logo
Rohm
SP8M3 ROHM-SP8M3 Datasheet
107Kb / 6P
   Switching
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M9 KEXIN-KP8M9 Datasheet
52Kb / 2P
   Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com