Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN444DN Datasheet(PDF) 1 Page - Stanson Technology

Part # STN444DN
Description  N Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN444DN Datasheet(HTML) 1 Page - Stanson Technology

  STN444DN Datasheet HTML 1Page - Stanson Technology STN444DN Datasheet HTML 2Page - Stanson Technology STN444DN Datasheet HTML 3Page - Stanson Technology STN444DN Datasheet HTML 4Page - Stanson Technology STN444DN Datasheet HTML 5Page - Stanson Technology STN444DN Datasheet HTML 6Page - Stanson Technology STN444DN Datasheet HTML 7Page - Stanson Technology STN444DN Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STN444DN
N Channel Enhancement Mode MOSFET
100A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN444DN 2016 V1
DESCRIPTION
STN444DN uses Trench MOSFET technology that is uniquely optimized to provide the most
efficient nigh frequency switching performance. It has been optimized for low gate charge,
low RDS(ON) and fast switching speed.
PIN CONFIGURATION
PowerPAK 5x6L(1212-8)
Y:Year Code
A:Date Code
B:Package Code
C:Wafer Code
FEATURE
l
30V/30A, RDS(ON) = 2.6mΩ(Typ.)
@VGS = 10V
l
30V/15A, RDS(ON) = 3.4mΩ
@VGS = 4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and
maximum DC current capability
l
PowerPAK 5x6L(1212-8) package
design
D
D
D
D
S
S
S
G


Similar Part No. - STN444DN

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4440 STANSON-STN4440 Datasheet
637Kb / 6P
   STN4440 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
SHENZHEN DOINGTER SEMIC...
STN4440 DOINGTER-STN4440 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STN444DN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com