Selected language     English  ▼


STN444DN Datasheet(PDF) 3 Page - Stanson Technology

Part No. STN444DN
Description  N Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANSON [Stanson Technology]
Homepage  http://www.stansontech.com
Logo 

   
 3 page
background image
STN444DN
N Channel Enhancement Mode MOSFET
100A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN444DN 2016 V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
30
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.3
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=30V,VGS=0V
1
uA
VDS=30V,VGS=0V
TJ=55℃
10
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=10A
VGS=4.5V,ID=20A
2.6
3.4
3.3
4.3
Forward
Transconductance
gfs
VDS=15V,ID=10A
65
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=15V,VGS=10V
ID≡15A
60
nC
Gate-Source Charge
Qgs
14
Gate-Drain Charge
Qgd
23.5
Input Capacitance
Ciss
VDS =15V,VGS=0V
F=1MHz
5850
pF
Output Capacitance
Coss
720
Reverse
TransferCapacitance
Crss
525
Turn-On Time
td(on)
tr
ID≡1A , VDD=15V,
VGS=10V, RG=3.3V
20
nS
6.3
Turn-Off Time
td(off)
tf
125
15.8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl