Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN456DN Datasheet(PDF) 3 Page - Stanson Technology

Part # STN456DN
Description  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN456DN Datasheet(HTML) 3 Page - Stanson Technology

  STN456DN Datasheet HTML 1Page - Stanson Technology STN456DN Datasheet HTML 2Page - Stanson Technology STN456DN Datasheet HTML 3Page - Stanson Technology STN456DN Datasheet HTML 4Page - Stanson Technology STN456DN Datasheet HTML 5Page - Stanson Technology STN456DN Datasheet HTML 6Page - Stanson Technology STN456DN Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN456DN
N Channel Enhancement Mode MOSFET
70A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN456DN 2016 V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
30
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.2
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=24V,VGS=0V
1
uA
VDS=24V,VGS=0V
TJ=55℃
5
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=30A
VGS=4.5V,ID=15A
5.5
7.5
6.5
9.0
Forward
Transconductance
gfs
VDS=5V,ID=30A
43
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=15V,VGS=4.5V
ID≡15A
20
nC
Gate-Source Charge
Qgs
7.6
Gate-Drain Charge
Qgd
7.2
Input Capacitance
Ciss
VDS =15V,VGS=0V
F=1MHz
2295
pF
Output Capacitance
Coss
267
Reverse
TransferCapacitance
Crss
210
Turn-On Time
td(on)
tr
VDD=15V,ID=15A
VGS=10V, RG=3.3Ω
7.8
nS
15
Turn-Off Time
td(off)
tf
37.3
1.6


Similar Part No. - STN456DN

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4526 STANSON-STN4526 Datasheet
616Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
STN4526S8RG VBSEMI-STN4526S8RG Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Stanson Technology
STN4536 STANSON-STN4536 Datasheet
708Kb / 6P
   Due N Channel Enhancement Mode MOSFET
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
SHENZHEN DOINGTER SEMIC...
STN4546 DOINGTER-STN4546 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STN456DN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com